PART |
Description |
Maker |
LEA150F LEA150F-12 LEA150F-15 LEA150F-18 LEA150F-2 |
Rugged PCB type
|
RSG Electronic Components GmbH
|
LEB150F LEB150F-0524-G LEB150F-0524-R LEB150F-0524 |
Rugged PCB type
|
RSG Electronic Components GmbH
|
KPF6.1 |
Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 6A; Terminal Type: Quick Connect PCB; Very efficientGround contact onThe PCB; IEC/EN 60950
|
SCHURTER INC
|
BYV32E-100 BYV32E-100127 |
Dual rugged ultrafast rectifier diode, 20 A, 100 V Rectifier diodes ultrafast, rugged; Package: SOT78 (TO-220AB); Container: Tube pack 20 A, 100 V, SILICON, RECTIFIER DIODE, TO-220AB
|
NXP Semiconductors N.V.
|
BOURNSINC-PM40-390K PM40-1R8K PM40-120K PM40-271K |
Ferrite Bead Inductor; Series:PM40; Inductance:1.8uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:60MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:390mA Ferrite Bead Inductor; Series:PM40; Inductance:12uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:18MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:225mA Ferrite Bead Inductor; Series:PM40; Inductance:270uH; Inductance Tolerance: /- 10 %; Q Factor:30; Self Resonant Frequency:3MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:92mA Ferrite Bead Inductor; Series:PM40; Inductance:120uH; Inductance Tolerance: /- 10 %; Q Factor:40; Self Resonant Frequency:6MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:110mA Ferrite Bead Inductor; Series:PM40; Inductance:1.5uH; Inductance Tolerance: /- 10 %; Q Factor:50; Self Resonant Frequency:70MHz; Terminal Type:PCB Surface Mount; Core Material:Powdered Iron; Current Rating:410mA Ferrite Bead Inductor; Series:PM40; Inductance:680nH; Inductance Tolerance: /- 20 %; Q Factor:30; Self Resonant Frequency:160MHz; Terminal Type:PCB Surface Mount; Current Rating:450mA; Leaded Process Compatible:No 1 ELEMENT, 0.27 uH, GENERAL PURPOSE INDUCTOR, SMD
|
BOURNS INC
|
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
CF2000A-CQ CF2040A-CQ |
PCB Assembly Type
|
Soshin
|
SUS1R5 |
DC-DC Converters PCB Mount type
|
List of Unclassifed Man...
|
4731-06 4731-08 4731-05 4734-60 4731 4731-10 4731- |
Power Transformers PCB Type
|
Filtran Ltd. FILTRAN[Filtran LTD]
|
YAS505E |
AC-DC Power Supplies PCB Mount type
|
List of Unclassifed Manufac...
|
YAW1015E |
AC-DC Power Supplies PCB Mount type
|
List of Unclassifed Man...
|
EBA-XX-D-BU-01 |
EURO BLOCK VERTICAL PCB TYPE
|
Adam Technologies, Inc.
|